Part Number Hot Search : 
LC75864E 14D431K L6232 C3040 580024 CS5524 SMBJ26A 40102
Product Description
Full Text Search
 

To Download SD2000CLSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2088 rev. B 04/00
SD2000C..L SERIES
STANDARD RECOVERY DIODES Hockey Puk Version
Features
Wide current range High voltage ratings up to 1000V High surge current capabilities Diffused junction Hockey Puk version Case style DO-200AB (B-PUK)
2100A
Typical Applications
Converters Power supplies High power drives Auxiliary system supplies for traction applications
case style DO-200AB (B-PUK)
Major Ratings and Characteristics
Parameters
IF(AV) @ T hs IF(RMS) @ T hs IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ
SD2000C..L
2100 55 3900 25 23900 25000 2857 2608 400 to 1000 - 40 to 180
Units
A C A C A A KA2s KA2s V C
www.irf.com
1
SD2000C..L Series
Bulletin I2088 rev. B 04/00
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
04 SD2000C..L 08 10
VRRM , maximum repetitive peak reverse voltage V
400 800 1000
VRSM , maximum nonrepetitive peak rev. voltage V
500 900 1100
IRRMmax.
@ TJ = 180C
mA
60
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Heatsink temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
SD2000C..L
2100 (1040) 55 (85) 3900 23900 25000 20100 21000
Units
A C A
Conditions
180 conduction, half sine wave Double side (single side) cooled @ 25C heatsink temperature double side cooled t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal halfwave, Initial TJ = TJ max.
A
t = 10ms t = 8.3ms t = 10ms t = 8.3ms
I 2t
Maximum I2t for fusing
2857 2608 2020 1844 KA2 s
t = 10ms t = 8.3ms
I 2 t
Maximum I2 t for fusing voltage
28570 0.74
KA2s
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold V F(TO)2 High level value of threshold voltage r r
f1
V 0.86 0.13 m 0.12 1.55 V (I > x IF(AV)),TJ = TJ max. I = 6000A, TJ = T J max, t = 10ms sinusoidal wave
pk p
(I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
f2
V FM
2
www.irf.com
SD2000C..L Series
Bulletin I2088 rev. B 04/00
Thermal and Mechanical Specifications
Parameter
TJ Tstg Max. junction operating temperature range Max. storage temperature range
SD2000C..L
-40 to 180 -55 to 200 0.073 0.031 14700 (1500) 255
Units
C
Conditions
RthJ-hs Max. thermal resistance, junction to heatsink F wt Mounting force, 10% Approximate weight Case style
K/W N (Kg) g
DC operation single side cooled DC operation double side cooled
DO-200AB(B-PUK)
See Outline Table
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction
Single Side Double Side Single Side Double Side 0.009 0.011 0.014 0.020 0.036 0.009 0.011 0.014 0.020 0.036 0.006 0.011 0.015 0.021 0.036 0.006 0.011 0.015 0.021 0.036
Units
Conditions
K/W
TJ = TJ max.
Ordering Information Table
Device Code
SD 200
1 2
0
3
C
4
10
5
L
6
1 2 3 4 5 6
-
Diode Essential part number 0 = Standard recovery C = Ceramic Puk Voltage code: Code x 100 = VRRM (see Voltage Ratings Table) L = Puk Case DO-200AB (B-PUK)
www.irf.com
3
SD2000C..L Series
Bulletin I2088 rev. B 04/00
Outline Table
3.5(0.14) DIA. NOM. x 1.8(0.07) DEEP MIN. BOTH ENDS
5 8.5 (2 .3 0 ) D IA . M AX .
0.8 (0.03) BOTH ENDS
34 (1.34) DIA. MAX. TWO PLACES
2 6. 9 (1 .0 6 )
2 5 .4 (1 )
Case Style DO-200AB (B-PUK)
All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification)
53 (2.09) DIA. MAX.
M a xim u m A llo w a b le H e a ts in k Te m p e ra t u re (C )
180 160 140 120 100 80 60 40 0 2 00 40 0
SD 2 0 0 0 C ..L Se rie s (Sin g le S id e C o o le d ) R th J-hs (D C ) = 0 .0 7 3 K / W
Maxim um Allowable Heatsink Temperatur e (C)
1 80 1 60 1 40 1 20 1 00 80 60 40 20 0 0 5 00 1000 1 500 200 0 2 500 Average Forward Current (A) 30 60 90 120 180 DC
C o nduc tion Pe riod
SD 2000C..L Series (Single Sid e Cooled) R thJ-h s (DC) = 0.073 K/W
C o nduc tio n An gle
30 6 00
60
18 0 90 120
8 0 0 10 0 0 1 2 00 1 4 00
A v e ra g e F o rw a rd C u rre n t (A )
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
4
www.irf.com
SD2000C..L Series
Bulletin I2088 rev. B 04/00
Maxim um Allowab le Heatsink Tem perature (C) Maxim um Allowable Heatsin k Tem perature (C) 180 160 140 120 100 80 60 40 20 0 0 500 1000 1500 2000 2500 Average Forward Current (A)
Fig. 3 - Current Ratings Characteristics
C o nd uctio n A ng le
SD2000C..L Series (Double Side Cooled) R th J- hs (DC) = 0.031 K/W
180 160 140 120 100 80 60 40 20 0 0 1000 30
SD2000C..L Series (Double Side Cooled) R thJ-h s (DC) = 0.031 K/W
C o ndu ctio n Pe rio d
30
60
60
90
120
90
180
120
180 DC
2000
3000
4000
Average Forward Curren t (A)
Fig. 4 - Current Ratings Characteristics
M aximum Average Forward Power L oss (W)
Maxim um Average Forward Pow er Loss (W )
4000 3500 3000 2500 2000 1500 1000 500 0 0 500 1000 1500 2000 2500 Average Forward Curren t (A)
Fig. 5 - Forward Power Loss Characteristics
C on duc tio n A ngle
5000 4500 4000 3500 3000 2500 2000 1500 1000 500 0 0 1000 2000 3000 4000 Average Forwa rd Current (A)
Fig. 6 - Forward Power Loss Characteristics
C o ndu ctio n Pe rio d
180 120 90 60 30
RM S Limit
DC 180 120 90 60 30
RMS Limit
SD2000C..L Series T J = 180C
SD 2000C..L Series TJ = 180C
Peak Half Sine W ave Forward Current (A)
20000
At Any Rated Load Cond ition An d W ith Rated VRRM Applied Following Surge. Initial TJ = 180 C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine W ave Forward Curren t (A)
25000
30000
25000
M aximum Non Repet itive Surge Current Versus Pulse Train Duration. In itial TJ = 180 C No V oltage Reapplied Rated VR RM Reapplied
20000
15000
15000
10000 SD2000C..L Series 5000 1 10 100
Nu m be r O f E qua l A m p litude H alf C y cle C urre nt P ulse s (N )
10000 SD 2000C..L Series 5000 0.01 0.1 Pulse Train Duration (s)
Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
1
Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
www.irf.com
5
SD2000C..L Series
Bulletin I2088 rev. B 04/00
100000 In stantaneous F orward Current (A)
TJ = 25C 10000 TJ = 180C
1000
SD2000C..L Series 100 0.5
1
1.5
2
2.5
3
3.5
In stantaneous Forward V oltage (V )
Fig. 9 - Forward Voltage Drop Characteristics
T ra n sie n t T h e rm a l Im p e d a n c e Z thJ-hs ( K / W ) 0 .1
SD 2 0 0 0 C ..L Se rie s
0 .0 1
S te ad y St a te V alu e R th J-h s = 0 .0 7 3 K /W ( S in g le Side C o o le d) R th J-h s = 0 .0 3 1 K /W ( D o ub le S id e C o o le d ) ( D C O p e ra t io n )
0 .0 0 1 0 .0 0 1
0 .0 1
0 .1
1
10
10 0
Sq u are W a v e Pu lse D u ra tio n ( s)
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of SD2000CLSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X